Part Number Hot Search : 
SPD502 UN2117 QPA3350 3451110 MSQ94P33 10027 2SC2527 BD787G
Product Description
Full Text Search
 

To Download 2SC4881 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC4881 d escription with to-220f package low saturation voltage high speed switching time applications high current switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 60 v v ceo collector-emitter voltage open base 50 v v ebo emitter-base voltage open collector 5 v i c collector current 5 a i cm collector current-peak 8 a i b base current 1 a t a =25 2.0 p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC4881 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;i b =0 50 v v cesat collector-emitter saturation voltage i c =2.5a; i b =0.125a 0.4 v v besat base-emitter saturation voltage i c =2.5a; i b =0.125a 1.3 v i cbo collector cut-off current v cb =50v; i e =0 1 a i ebo emitter cut-off current v eb =6v; i c =0 1 a h fe-1 dc current gain i c =1a ; v ce =1v 100 320 h fe-2 dc current gain i c =2.5a ; v ce =1v 60 f t transition frequency i c =1a ; v ce =4v 100 mhz c ob collector output capacitance i e =0; f=1mhz;v cb =10v 45 pf switching times t on turn-on time 0.1 s t s storage time 0.8 s t f fall time i c =2.5a i b1 =-i b2 =0.125a v cc =30v ,r l =12 @ duty cycle a 1% 0.1 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC4881 package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC4881


▲Up To Search▲   

 
Price & Availability of 2SC4881

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X